PART |
Description |
Maker |
X4045S8I X4045S8 X4045P8I X4045P8 X4045M8I X4045M8 |
RTC Module With CPU Supervisor 时钟模块CPU监控 CPU Supervisor with 4Kbit EEPROM
|
Intersil, Corp. Xicor Inc.
|
X4323 X4325V8-4.5A |
RTC Module With CPU Supervisor CPU Supervisor with 32K EEPROM
|
INTERSIL CORP http://
|
X4045PIZ-4.5A X4043PIZ-4.5A X4043P-4.5A X4043M8 X4 |
OSC 3.3V SMT 7X5 CMOS 5M STRT SE CONNECTOR,DC,2-PIN 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil Corporation Intersil, Corp.
|
X5083PIZ-4.5A X5083PIZ-2.7A X5083V8Z-2.7A X5083V8Z |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8
|
Intersil, Corp.
|
X4043M8IZ-2.7T2 |
RTC Module With CPU Supervisor
|
INTERSIL CORP
|
X46402V8E-3.1A X46402V8-3.1A X46402V8-2.9 |
RTC Module With CPU Supervisor 时钟模块CPU监控
|
Intersil, Corp.
|
X5329V14Z-4.5A |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO14
|
Intersil, Corp.
|
CAT1023ZD4I-25-T3 |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, DSO8
|
ON Semiconductor
|
X5649S14I-4.5A X5648 X5648P X5648P-4.5A X5648S14 X |
RTC Module With CPU Supervisor 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 CAP 270PF 50V CERAMIC MONO 5% 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDIP8 THYRISTOR/DIODE MODULE, 106A 1600V Thyristor Module; Current, It av:25A; Repetitive Reverse Voltage Max, Vrrm:1600V; Package/Case:SEMIPACK 1; Leaded Process Compatible:No; Forward CPU Supervisor with 64Kbit SPI EEPROM
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EP8203-HL EP8200-HL EP8214-HL EP8209-HL EPA073HL-3 |
CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-PDIP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-MSOP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 14-TSSOP CPU Supervisor with 4k SPI EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC Tapped Delay Line Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC CPU Supervisor with 4k SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-SOIC CPU Supervisor with 4k SPI EEPROM; Temperature Range: 0°C to 70°C; Package: 8-PDIP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP RTC Module With CPU Supervisor 时钟模块CPU监控
|
3M Company
|
UDS-3611H UDS-3612H UDS-3613H UDS-3614H UDN-3612M |
3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor 5.0 or 3.0V, 512 Bit (64 Bit x8) Serial RTC (SPI) SRAM and NVRAM Supervisor Serial real-time clock 25 A standard and Snubberless" triacs 25 A standard and Snubberless" triacs 双外围驱动器 5.0 V and 3.3/3.0 V secure serial RTC and NVRAM supervisor with tamper detection and 128 bytes of clearable NVRAM 双外围驱动器
|
Motorola Mobility Holdings, Inc.
|